Part Number Hot Search : 
LTC422 MNR02 2SC4627 62510 FQA16N50 LA6083M RP0017 CDP1824D
Product Description
Full Text Search
 

To Download 2SA1396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1396
DESCRIPTION With TO-220Fa package Complement to type 2SC3568 Low collector saturation voltage High switching speed APPLICATIONS Switching regulator DC-DC converter High frequency power amplifier
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current (pulse) Base current (DC) Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -100 -100 -7 -10 -20 -5 30 150 -55~150 ae ae UNIT V V V A A A W
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1396
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain CONDITIONS IC=-5A;IB=-0.5A;L=1mH IC=-5A; IB=-0.5A IC=-5A; IB=-0.5A VCB=-100V; IE=0 VCE=-100V; RBE=51| Ta=125ae ; MIN -100 -0.6 -1.5 -10 -1 -0.01 -1 -10 40 40 20 200 200 |I |I TYP. MAX UNIT V V V A mA mA A
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO ICER ICEX IEBO hFE-1 hFE-2 hFE-3
VCE=-100V;VBE(off)=1.5V Ta=125ae VEB=-5V; IC=0 IC=-0.5A ; VCE=-5V IC=-3A ; VCE=-5V IC=-5A ; VCE=-5V
Switching times ton ts tf Turn-on time Storage time Fall time IC=-5A ;IB1=-IB2=-0. 5A VCCO 50V;RL=10| 0.5 1.5 0.5 |I |I |I s s s
hFE-2 Classifications M 40-80 L 60-120 K 100-200
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1396
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1396
4


▲Up To Search▲   

 
Price & Availability of 2SA1396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X